PART |
Description |
Maker |
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
MX26C1000BTC-10 MX26C1000BMC-10 MX26C1000BPC-10 MX |
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:12A; Leaded Process Compatible:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:12A; Leaded Process Compatible:Yes 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Macronix International Co., Ltd.
|
AM29LV200B03 AM29LV200BT-60RDRC AM29LV200BT-60RDRI |
128K X 16 FLASH 3V PROM, 70 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
|
SPANSION LLC AMD[Advanced Micro Devices] http://
|
MX29F200CBMI-70G MX29F200CBMI-90 MX29F200CBTI-70G |
2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY 128K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Macronix International Co., Ltd.
|
W39L010P-90 W39L010P-70 W39L010Q-90 W39L010Q-90B W |
128K X 8 CMOS FLASH MEMORY 128K X 8 FLASH 3.3V PROM, 70 ns, PQCC32
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
AM29LV200BB-120WAC AM29LV200BB-120WAF AM29LV200BB- |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PBGA48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Advanced Micro Devices, Inc.
|
5962-9089903MTX 5962-9089903MUX 5962-9089903MXX 59 |
SOLID TANTALUM RoHS Compliant: Yes MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON 微电路,存储器,DIGITAA型,CMOS128K的8位闪存EEPROM存储器,单片 MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON 微电路,存储器,DIGITAA型,CMOS28K的8位闪存EEPROM存储器,单片
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
PSD813F2V-15M1T PSD853F2V-15M1T PSD814F2V-15M1T PS |
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP64 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQCC52
|
STMicroelectronics
|
LE25FU106B |
CMOS IC 1M-bit (128K X 8) Serial Flash Memory
|
Sanyo Semicon Device
|
AT29LV010A-25 ATMELCORP-AT29LV010A-25JI AT29LV010A |
1 Megabit (128K x 8) 3-volt only CMOS flash High Speed CMOS Logic Dual 2-Bit Bistable Transparent Latches 16-SOIC -55 to 125
|
Atmel Corp.
|
MX28F1000P 28F1000P |
From old datasheet system 1M-BIT [128K x 8] CMOS FLASH MEMORY
|
ETC Macronix 旺宏
|